Electronic Components Datasheet Search
  English  ▼

X  

HVM16 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVM16
Description  Variable Capacitance Diode for FM tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM16 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVM16 Datasheet HTML 1Page - Renesas Technology Corp HVM16 Datasheet HTML 2Page - Renesas Technology Corp HVM16 Datasheet HTML 3Page - Renesas Technology Corp HVM16 Datasheet HTML 4Page - Renesas Technology Corp HVM16 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.6.00 Feb 17, 2005 page 1 of 4
HVM16
Variable Capacitance Diode for FM tuner
REJ03G0519-0600
(Previous: ADE-208-086E)
Rev.6.00
Feb 17, 2005
Features
• Worked by 8V, suitable for small manufacture sources of electric power.
• MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Renesas Code
Previous Code
HVM16
T3
PLSP0003ZC-A
MPAK
Pin Arrangement
1. Anode
2. Anode
3. Cathode
(Top View)
21
3


Similar Part No. - HVM16

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM16 RECTRON-HVM16 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM16 DCCOM-HVM16 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Hitachi Semiconductor
HVM16 HITACHI-HVM16 Datasheet
25Kb / 5P
Variable Capacitance Diode for FM tuner
logo
Leshan Radio Company
HVM16 LRC-HVM16 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
Chongqing Pingwei Enter...
HVM16 CHONGQING-HVM16 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results

Similar Description - HVM16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV101 TOSHIBA-1SV101 Datasheet
150Kb / 3P
VARIABLE CAPACITANCE DIODE (FM TUNER APPLICATIONS)
logo
Hitachi Semiconductor
HVB27WK HITACHI-HVB27WK Datasheet
24Kb / 5P
Variable Capacitance Diode for FM tuner
HVM16 HITACHI-HVM16 Datasheet
25Kb / 5P
Variable Capacitance Diode for FM tuner
HVM27WK HITACHI-HVM27WK Datasheet
26Kb / 5P
Variable Capacitance Diode for FM tuner
logo
Renesas Technology Corp
HVC417C RENESAS-HVC417C Datasheet
80Kb / 7P
Variable Capacitance Diode for tuner
HVU417C RENESAS-HVU417C Datasheet
141Kb / 5P
Variable Capacitance Diode for tuner
RKV651KK RENESAS-RKV651KK Datasheet
53Kb / 5P
Variable Capacitance Diode for FM tuner IC
RKV651KL RENESAS-RKV651KL Datasheet
53Kb / 5P
Variable Capacitance Diode for FM tuner IC
HVB27WK RENESAS-HVB27WK Datasheet
241Kb / 5P
Variable Capacitance Diode for FM tuner
HVM27WK RENESAS-HVM27WK Datasheet
241Kb / 5P
Variable Capacitance Diode for FM tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com