Electronic Components Datasheet Search
  English  ▼

X  

HVR100 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HVR100
Description  Variable Capacitance Diode for AM tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVR100 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HVR100 Datasheet HTML 1Page - Renesas Technology Corp HVR100 Datasheet HTML 2Page - Renesas Technology Corp HVR100 Datasheet HTML 3Page - Renesas Technology Corp HVR100 Datasheet HTML 4Page - Renesas Technology Corp HVR100 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVR100
Rev.7.00 Feb 21, 2005 page 4 of 4
Package Dimensions
b
D
E HE
A1
A2
b2
l1
l1
e1
0-
0.1
A1
0.90
-
1.30
A2
0.40
-
0.80
1.40
-
1.80
b
2.45
-
2.85
3.60
-
4.00
-1.50
-
-3.50
-
D
-1.50
-
E
HE
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-77A
0.010g
MASS[Typ.]
SRP / SRPV
PLSP0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Pattern of terminal position areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com