Electronic Components Datasheet Search
  English  ▼

X  

HD404849 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404849
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404849 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404849 Datasheet HTML 1Page - Renesas Technology Corp HD404849 Datasheet HTML 2Page - Renesas Technology Corp HD404849 Datasheet HTML 3Page - Renesas Technology Corp HD404849 Datasheet HTML 4Page - Renesas Technology Corp HD404849 Datasheet HTML 5Page - Renesas Technology Corp HD404849 Datasheet HTML 6Page - Renesas Technology Corp HD404849 Datasheet HTML 7Page - Renesas Technology Corp HD404849 Datasheet HTML 8Page - Renesas Technology Corp HD404849 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
HD404849 Series
4-Bit Single-Chip Microcomputer
Rev. 6.0
Sept. 1998
Description
The HD404849 series of HMCS400-series microcomputers is designed to increase program productivity
and also incorporate large-capacity memory. Each microcomputer has an LCD controller/driver, A/D
converter, input capture circuit, 32-kHz oscillator for clock use, and four low-power dissipation modes.
The HD404849 series includes the HD404848 with an 8-kword on-chip ROM, the HD4048412 with a 12-
kword on-chip ROM, the HD404849 with a 16-kword on-chip ROM, and the HD4074849 with a 16-kword
on-chip PROM.
On-chip ROM is available in a PROM (ZTAT
™ microcomputer) version and a mask ROM version. A
program can be written to the PROM by a PROM writer, which can dramatically shorten system
development periods and smooth the process from debugging to mass production. PROM programming
specifications are the same as for the 27256.
ZTAT
™: Zero Turn Around Time ZTAT is a trademark of Hitachi Ltd.
Features
• 35 I/O pins, including nine high-current pins (15 mA, max.), eight pins multiplexed with LCD segment
pins, and four pins multiplexed with analog input pins
• Four timer/counters
• Eight-bit input capture circuit
• Three timer outputs (including two PWM outputs)
• Two event counter inputs (including one in which the detection edge is programmable)
• Clock-synchronous 8-bit serial interface
• A/D converter (8 channels × 8 bits)
 Operation voltage 2.7 V to 6.0 V
• LCD driver (32 segments × 4 commons)
• Built-in oscillators
 Main clock: Can be driven by ceramic oscillator, crystal oscillator, or external clock.
 Subclock: 32.768-kHz crystal
• Ten interrupt sources
 Four by external sources, including two in which the detection edge is programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com