Electronic Components Datasheet Search
  English  ▼

X  

HN58C1001 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HN58C1001
Description  1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58C1001 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HN58C1001 Datasheet HTML 1Page - Renesas Technology Corp HN58C1001 Datasheet HTML 2Page - Renesas Technology Corp HN58C1001 Datasheet HTML 3Page - Renesas Technology Corp HN58C1001 Datasheet HTML 4Page - Renesas Technology Corp HN58C1001 Datasheet HTML 5Page - Renesas Technology Corp HN58C1001 Datasheet HTML 6Page - Renesas Technology Corp HN58C1001 Datasheet HTML 7Page - Renesas Technology Corp HN58C1001 Datasheet HTML 8Page - Renesas Technology Corp HN58C1001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev.8.00, Nov. 27.2003, page 1 of 21
HN58C1001 Series
1M EEPROM (128-kword
× 8-bit)
Ready/
Busy and RES function
REJ03C0145-0800Z
(Previous ADE-203-028G (Z) Rev.7.0)
Rev. 8.00
Nov. 27. 2003
Description
Renesas Technology
's HN58C1001 is an electrically erasable and programmable ROM organized as 131072-
word
× 8-bit. It has realized high speed, low power consumption and high reliability by employing advanced
MNOS memory technology and CMOS process and circuitry technology. It also has a 128-byte page
programming function to make the write operations faster.
Features
• Single supply: 5.0 V ± 10%
• Access time: 150 ns (max)
• Power dissipation
 Active: 20 mW/MHz, (typ)
 Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms (max)
• Automatic page write (128 bytes): 10 ms (max)
• Data polling and RDY/Busy
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 104 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin
• There are also lead free products.


Similar Part No. - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001FP-15 HITACHI-HN58C1001FP-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001P-15 HITACHI-HN58C1001P-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001T-15 HITACHI-HN58C1001T-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
More results

Similar Description - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com