Electronic Components Datasheet Search
  English  ▼

X  

HS54095 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS54095
Description  Silicon N Channel MOSFET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54095 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS54095 Datasheet HTML 1Page - Renesas Technology Corp HS54095 Datasheet HTML 2Page - Renesas Technology Corp HS54095 Datasheet HTML 3Page - Renesas Technology Corp HS54095 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REJ03G1668-0100 Rev.1.00 Apr 24, 2008
Page 1 of 3
HS54095
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1668-0100
Rev.1.00
Apr 24, 2008
Features
• Low on-resistance
• Low drive current
• High density mounting
Outline
RENESAS Package code: PRSS0003DA-A
(Package name: TO-92(1))
1. Gate
2. Drain
3. Source
3
2
1
D
S
G
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
0.2
A
Drain peak current
ID (pulse)
Note1
0.8
A
Body-drain diode reverse drain current
IDR
0.2
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
0.8
A
Channel dissipation
Pch
0.75
W
Channel to ambient thermal impedance
θch-a
166.7
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%


Similar Part No. - HS54095

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS54095 RENESAS-HS54095 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
HS54095TZ-E RENESAS-HS54095TZ-E Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
HS54095 RENESAS-HS54095_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
HS54095 RENESAS-HS54095_15 Datasheet
124Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - HS54095

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
H5N2305PF RENESAS-H5N2305PF Datasheet
87Kb / 10P
Silicon N Channel MOSFET High Speed Power Switching
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
Silicon N Channel MOSFET High Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
Silicon N Channel MOSFET High Speed Power Switching
RJL6013DPP RENESAS-RJL6013DPP Datasheet
108Kb / 7P
Silicon N Channel MOSFET High Speed Power Switching
HS54097 RENESAS-HS54097 Datasheet
71Kb / 4P
Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004FM RENESAS-H7N1004FM_12 Datasheet
94Kb / 8P
Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004DL RENESAS-H7N1004DL_15 Datasheet
137Kb / 11P
Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
Silicon N-Channel MOSFET High-Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com