Electronic Components Datasheet Search
  English  ▼

X  

HSB124S Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSB124S
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB124S Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSB124S Datasheet HTML 1Page - Renesas Technology Corp HSB124S Datasheet HTML 2Page - Renesas Technology Corp HSB124S Datasheet HTML 3Page - Renesas Technology Corp HSB124S Datasheet HTML 4Page - Renesas Technology Corp HSB124S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSB124S
Rev.2.00 Mar 04, 2005 page 3 of 4
Main Characteristic
10
-5
10
-6
10
-4
10
-7
10
-8
10
-9
10
-2
10
-3
10
-10
0
0.2
0.4
0.6
0.8
1.0
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
0.1
10
100
10
1.0
1.0
f=1MHz
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
020
80
60
100
40
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
10
-9
10
-10
10
-11
10
-12
10
-13
10
-11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com