Electronic Components Datasheet Search
  English  ▼

X  

HAF1008L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAF1008L
Description  Silicon P Channel MOS FET Series Power Switching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1008L Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAF1008L Datasheet HTML 1Page - Renesas Technology Corp HAF1008L Datasheet HTML 2Page - Renesas Technology Corp HAF1008L Datasheet HTML 3Page - Renesas Technology Corp HAF1008L Datasheet HTML 4Page - Renesas Technology Corp HAF1008L Datasheet HTML 5Page - Renesas Technology Corp HAF1008L Datasheet HTML 6Page - Renesas Technology Corp HAF1008L Datasheet HTML 7Page - Renesas Technology Corp HAF1008L Datasheet HTML 8Page - Renesas Technology Corp HAF1008L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HAF1008(L), HAF1008(S)
Rev.1.00, May.13.2003, page 3 of 11
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain current
ID1
–7
——A
VGS = –3.5 V, VDS = –2 V
Drain current
ID2
—
—
–10
mA
VGS = –1.2 V, VDS = –2 V
Drain to source breakdown
voltage
V(BR)DSS –60
—
—
V
ID = –10 mA, VGS = 0
Gate to source breakdown
voltage
V(BR)GSS –16
—
—
V
IG = –800 µA, VDS = 0
Gate to source breakdown
voltage
V(BR)GSS 2.5
——V
IG = 100 µA, VDS = 0
IGSS1
—
—
–100
µA
VGS = –8 V, VDS = 0
IGSS2
—
—
–50
µA
VGS = –3.5 V, VDS = 0
IGSS3
——–1
µA
VGS = –1.2 V, VDS = 0
Gate to source leak current
IGSS4
—
—
100
µA
VGS = 2.4 V, VDS = 0
IGS(OP)1 —
–0.8
—
mA
VGS = –8 V, VDS = 0
Input current (shut down)
IGS(OP)2 —
–0.35
—
mA
VGS = –3.5 V, VDS = 0
Zero gate voltage drain
current
IDSS
—
—
–10
µA
VDS = –60 V, VGS = 0
Gate to source cutoff voltage VGS(off)
–1.1
—
–2.15
V
VDS = –10 V, ID = –1 mA
Forward transfer admittance |yfs|
10
18.5
—
S
ID = –10 A, VDS = –10 V
Note3
RDS(on)
—
6080m
Ω
ID = –10 A, VGS = –4 V
Note3
Static drain to source on state
resistance
RDS(on)
—
4254m
Ω
ID = –10 A, VGS = –10 V
Note3
Output capacitance
Coss
—
865
―
pF
VDS = –10 V, VGS = 0, f = 1 MHz
Turn-on delay time
td(on)
—
5.7
―
µs
Rise time
tr
—
26
—
µs
Turn-off delay time
td(off)
—
6.5
―
µs
Fall time
tf
—
9
—
µs
VGS = -10 V, ID= –10 A, RL = 3
Ω
Body–drain diode forward
voltage
VDF
—-0.9
—
V
IF = –20 A, VGS = 0
Body–drain diode reverse
recovery time
trr
—
100
—
ns
IF = –20 A, VGS = 0
diF/dt = 50A/µs
tos1
—1.84
—
ms
VGS = –5 V, VDD = –16 V
Over load shut down
operation time
Note4
tos2
—1
—ms
VGS = –5 V, VDD = –24 V
Notes: 3. Pulse test
4. Include the time shift based on increasing of channel temperature when operate under over load
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com