Electronic Components Datasheet Search
  English  ▼

X  

HD74BC240ATELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74BC240ATELL
Description  Octal Buffers/Line Drivers With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC240ATELL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74BC240ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74BC240ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74BC240A
Rev.3.00, Jul.16.2004, page 6 of 8
Waveforms-1
VOH
VOL
1.5 V
Input A
Output Y
3 V
0 V
1.5 V
90%
1.5 V
10%
10%
1.5 V
90%
tPLH
t PHL
t f
t r
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform: PRR =1 MHz, duty cycle 50%
Waveforms-2
0 V
3 V
1.5 V
0 V
1.5 V
1.5 V
1.5 V
t ZL
tZH
t LZ
t HZ
OL
V
+ 0.3 V
OH
V
– 0.3 V
3.5 V
VOL
VOH
Input G
Waveform–A
Waveform–B
t f
t r
10%
90%
90%
10%
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform: PRR = 1 MHz, duty cycle 50%
3.
Waveform-A shows input conditions such that the output is “L” level when enable by the
output control.
4.
Waveform-B shows input conditions such that the output is “H” level when enable by the
output control.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com