Electronic Components Datasheet Search
  English  ▼

X  

HD74BC623AFPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74BC623AFPEL
Description  Octal Bus Transceivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC623AFPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74BC623AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC623AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74BC623A
Rev.2.00, Jul.16.2004, page 5 of 7
Test Circuit
C =
50 pF
L
Input
Output
500 Ω
GAB
A1
B1
VCC
GBA
Pulse
Generator
Z
= 50 Ω
out
VCC
450 Ω
*4
S1
50 Ω
Scope
OPEN
7V
Notes:
1.
C
L includes probe and jig capacitance.
2.
A2-B2 to A8-B8 are identical to above load circuit.
3.
S1: Input-Output change switch.
4.
Open: t
PLH, tPHL, tZH tHZ
7 V: t
ZL, tLZ
Waveforms-1
tPLH
tPHL
VOH
VOL
Input
Output
10 %
0 V
3 V
10 %
1.5 V
90 %
1.5 V
tf
tr
90 %
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com