Electronic Components Datasheet Search
  English  ▼

X  

HD74BC645AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74BC645AFPEL
Description  Octal Bus Transceivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC645AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74BC645AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD74BC645A
Octal Bus Transceivers With 3 State Outputs
REJ03D0291–0200Z
(Previous ADE-205-027 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74BC645A provides high drivability and operation equal to or better than high speed bipolar standard logic IC
by using Bi-CMOS process. The device features low power dissipation that is about 1/5 of high speed bipolar logic IC.
When the frequency is 10 MHz. The device has eight bus transceivers with three state outputs in a 20 pin package.
Each device has an active low enable input (
G) and a direction control input, DiR. When DiR is high, data flows from
the A inputs to the B outputs. When DiR is high, data flows from the B inputs to the A outputs. When enable inputs
(
G) is high, disables both A and B ports by placing then in a high impedance.
Features
• Input/Output are at high impedance state when power supply is off.
• Input pins can be open, when not used, owing to built in input pull up circuit.
• Input is TTL level.
• Wide operating temperature range
Ta = –40 to +85°C.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74BC645AFPEL
SOP-20 pin (JEITA) FP-20DAV
FP
EL (2,000 pcs/reel)
Function Table
Control Inputs
G
G
G
G
DIR
Operation
L
L
B data to A bus
L
H
A data to B bus
HX
Z
H :
High level
L
:
Low level
X :
Immaterial
Z
:
High impedance


Similar Part No. - HD74BC645AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC645A HITACHI-HD74BC645A Datasheet
43Kb / 9P
Octal Bus Transceivers With 3 State Outputs
More results

Similar Description - HD74BC645AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com