Electronic Components Datasheet Search
  English  ▼

X  

2N4901 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N4901
Description  POWER TRANSISTORS(5.0A,87.5W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N4901 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N4901 Datasheet HTML 1Page - Mospec Semiconductor 2N4901 Datasheet HTML 2Page - Mospec Semiconductor 2N4901 Datasheet HTML 3Page - Mospec Semiconductor 2N4901 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
2N4901 SEME-LAB-2N4901 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
More results

Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
POWER TRANSISTORS(5.0A,100V,50W)
BU207 MOSPEC-BU207 Datasheet
117Kb / 3P
POWER TRANSISTORS(5.0A,1300-1500V,55W)
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,50-400V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
SF57 MOSPEC-SF57 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Rohm
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
PNP -5.0A -30V Power Transistor
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
RCD051N20 ROHM-RCD051N20 Datasheet
788Kb / 14P
Nch 200V 5.0A Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com