Electronic Components Datasheet Search
  English  ▼

X  

2SD1113 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1113
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1113 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1113 Datasheet HTML 1Page - Renesas Technology Corp 2SD1113 Datasheet HTML 2Page - Renesas Technology Corp 2SD1113 Datasheet HTML 3Page - Renesas Technology Corp 2SD1113 Datasheet HTML 4Page - Renesas Technology Corp 2SD1113 Datasheet HTML 5Page - Renesas Technology Corp 2SD1113 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD1113(K)
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
300
—
500
V
I
C = 0.1 mA, IE = 0
Collector to emitter sustain
voltage
V
CEO(sus)
300
—
—
V
I
C = 3 A, PW = 50 µs,
f = 50 Hz, L = 10 mH
Emitter to base breakdown
voltage
V
(BR)EBO
7—
—
VI
E = 50 mA, IC = 0
Collector cutoff current
I
CEO
—
—
100
µAV
CE = 300 V, RBE = ∞
DC current transfer ratio
h
FE
500
—
—
V
CE = 2 V, IC = 4 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
—
—
1.5
V
I
C = 4 A, IB = 40 mA*
1
Base to emitter saturation
voltage
V
BE(sat)
—
—
2.0
V
I
C = 4 A, IB = 40 mA*
1
Turn on time
t
on
—
2.0
—
µsI
C = 4 A, IB1 = –IB2 = 40 mA
Turn off time
t
off
—23—
µsI
C = 4 A, IB1 = –IB2 = 40 mA
Note:
1. Pulse test.
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
20
40
60
0.005
0.01
0.1
1.0
50
10
Collector to emitter voltage VCE (V)
0.5 1.0 2
5
10 20
50 100200 500
Area of Safe Operation
iC (peak)
IC (max)
Ta = 25
°C
1 shot pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com