Electronic Components Datasheet Search
  English  ▼

X  

80P6 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80P6
Description  Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80P6 Datasheet(HTML) 1 Page - Renesas Technology Corp

  80P6 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The 80P6-80P6S is a board for converting 80-pin 0.8mm-pitch
LCC (80D0) to 80-pin 0.65mm-pitch QFP (80P6S-A).
Application
Use the 80P6-80P6S to solder the CUBE80S bottom board of the
80P6-80P6S to the 80-pin 0.65mm-pitch QFP foot pattern of the
target and to insert RFS type emulator MCU or 7700 Family
emulator probe, etc. into the 80P6-80P6S socket. The 80D0
package's pin No. 1 corresponds to the 80P6S-A package's pin
No. 79.
Dimensions
34.0(D)×30.0(W)×33.0(H)mm
Height of CUBE80S
(H1)=25.0mm
[Ordering Information] See Appendix H "Ordering Information".
80P6-80P6S
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
QFP


Similar Part No. - 80P6

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
80P EH-80P Datasheet
334Kb / 11P
Promass 80P
logo
JST Mfg. Co., Ltd.
80P-JMDSS-G-1-TF JST-80P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
TRANSYS Electronics Lim...
80PF-120 TEL-80PF-120 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
80PF-40 TEL-80PF-40 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
80PF-80 TEL-80PF-80 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
More results

Similar Description - 80P6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
M3T-80LCC-DMS RENESAS-M3T-80LCC-DMS Datasheet
165Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to M3T-DUMMY80
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
M3T-100LCC-80QSB RENESAS-M3T-100LCC-80QSB Datasheet
307Kb / 1P
Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
M3T-100LCC-DMS RENESAS-M3T-100LCC-DMS Datasheet
184Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to M3T-DUMMY100S
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
M3T-FLX-80LCC RENESAS-M3T-FLX-80LCC Datasheet
125Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.8mm-pitch LCC
PCA4687B RENESAS-PCA4687B Datasheet
152Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
PCA4688A RENESAS-PCA4688A Datasheet
348Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC
PCA4688B RENESAS-PCA4688B Datasheet
104Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.8mm-pitch LCC (for Height Adjustment)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com