Electronic Components Datasheet Search
  English  ▼

X  

3851 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 3851
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3851 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 3851 Datasheet HTML 35Page - Renesas Technology Corp 3851 Datasheet HTML 36Page - Renesas Technology Corp 3851 Datasheet HTML 37Page - Renesas Technology Corp 3851 Datasheet HTML 38Page - Renesas Technology Corp 3851 Datasheet HTML 39Page - Renesas Technology Corp 3851 Datasheet HTML 40Page - Renesas Technology Corp 3851 Datasheet HTML 41Page - Renesas Technology Corp 3851 Datasheet HTML 42Page - Renesas Technology Corp 3851 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
38
3851 Group
(Built-in 16 KB ROM)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 47 System clock generating circuit block diagram (Single-chip mode)
MISRG
(MISRG : address 003816)
Oscillation stabilizing time set after STP
instruction released bit
Reserved bit “0”
Do not write “1“.
Not used (return “0” when read)
b7
b0
0: Automatically set “0116” to Timer 1,
“FF16” to Prescaler 12
1: Automatically set nothing
Fig. 46 Structure of MISRG
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
S
R
Q
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
1/2
Port XC
switch bit
“1”
“0”
Low-speed mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Main clock division ratio
selection bits (Note)
Note: Any one of high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
When low-speed mode is selected, set port Xc switch bit (b4) to “1”.
Main clock division ratio
selection bits (Note)
FF16
0116
Prescaler 12
Timer 1
Reset or
STP instruction
Timer 12 count source
selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com