Electronic Components Datasheet Search
  English  ▼

X  

M16623F8 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M16623F8
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623F8 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M16623F8 Datasheet HTML 58Page - Renesas Technology Corp M16623F8 Datasheet HTML 59Page - Renesas Technology Corp M16623F8 Datasheet HTML 60Page - Renesas Technology Corp M16623F8 Datasheet HTML 61Page - Renesas Technology Corp M16623F8 Datasheet HTML 62Page - Renesas Technology Corp M16623F8 Datasheet HTML 63Page - Renesas Technology Corp M16623F8 Datasheet HTML 64Page - Renesas Technology Corp M16623F8 Datasheet HTML 65Page - Renesas Technology Corp M16623F8 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
DMAC
61
DMAi control register
Symbol
Address
When reset
DMiCON(i=0,1)
002C16, 003C16
00000X002
Bit name
Function
Bit symbol
Transfer unit bit select bit
b7
b6
b5
b4
b3
b2
b1
b0
0 : 16 bits
1 : 8 bits
DMBIT
RW
DMASL
DMAS
DMAE
Repeat transfer mode
select bit
0 : Single transfer
1 : Repeat transfer
DMA request bit (Note 1)
0 : DMA not requested
1 : DMA requested
0 : Disabled
1 : Enabled
0 : Fixed
1 : Forward
DMA enable bit
Source address direction
select bit (Note 3)
Destination address
direction select bit (Note 3)
0 : Fixed
1 : Forward
DSD
DAD
Note 1: DMA request can be cleared by resetting the bit.
Note 2: This bit can only be set to “0”.
Note 3: Source address direction select bit and destination address direction select bit
cannot be set to “1” simultaneously.
(Note 2)
DMA1 request cause select register
Symbol
Address
When reset
DM1SL
03BA16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
DMA request cause
select bit
DSEL0
RW
DSEL1
DSEL2
DSEL3
Software DMA
request bit
If software trigger is selected, a
DMA request is generated by
setting this bit to “1” (When read,
the value of this bit is always “0”)
DSR
b3 b2 b1 b0
0 0 0 0 : Falling edge of INT1 pin
0 0 0 1 : Software trigger
0 0 1 0 : Timer A0
0 0 1 1 : Timer A1
0 1 0 0 : Timer A2
0 1 0 1 : Timer A3(DMS=0)
/serial I/O3 (DMS=1)
0 1 1 0 : Timer A4 (DMS=0)
/serial I/O4 (DMS=1)
0 1 1 1 : Timer B0 (DMS=0)
/two edges of INT1 (DMS=1)
1 0 0 0 : Timer B1
1 0 0 1 : Timer B2
1 0 1 0 : UART0 transmit
1 0 1 1 : UART0 receive
1 1 0 0 : UART2 transmit
1 1 0 1 : UART2 receive
1 1 1 0 : A-D conversion
1 1 1 1 : UART1 receive
Bit name
DMA request cause
expansion select bit
DMS
0 : Normal
1 : Expanded cause
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Figure 1.12.3. DMAC register (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com