Electronic Components Datasheet Search
  English  ▼

X  

4513 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp 4513 Datasheet HTML 97Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
93
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
BASIC TIMING DIAGRAM
VOLTAGE COMPARATOR RECOMMENDED OPERATING CONDITIONS
(Ta = –20 °C to 85 °C, unless otherwise noted)
Conditions
VDD = 3.0 V to 5.5 V
VDD = 3.0 V to 5.5 V
Parameter
Supply voltage
Voltage comparator input voltage
Voltage comparator response time
Symbol
VDD
VINCMP
tCMP
Limits
Unit
V
V
µs
Min.
3.0
0.3VDD
Typ.
Max.
5.5
0.7VDD
20
VOLTAGE COMPARATOR CHARACTERISTICS
(Ta = –20 °C to 85 °C, VDD = 3.0 V to 5.5 V, unless otherwise noted)
Test conditions
CMP0- > CMP0+, CMP0- < CMP0+
CMP1- > CMP1+, CMP1- < CMP1+
VDD = 5.0 V
Parameter
Comparison decision voltage error
Voltage comparator operation current
Symbol
–
ICMP
Limits
Unit
mV
µA
Min.
Typ.
20
15
Max.
100
50
XIN
System clock = f(XIN)
Mi
Mi+1
D0–D7
P00–P03
P10–P13
P00–P03
P10–P13
P20–P22
D0–D7
P30–P33
P40–P43
P50–P53
P30–P33
P40–P43
P50–P53
INT0,INT1
Machine cycle
Pin name
Parameter
Clock
Port D output
Port D input
Ports P0, P1, P3,
P4, P5 output
Ports P0, P1, P2, P3,
P4, P5 input
Interrupt input
XIN
System clock = f(XIN)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com