Electronic Components Datasheet Search
  English  ▼

X  

M37151MA Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M37151MA
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MA Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M37151MA Datasheet HTML 41Page - Renesas Technology Corp M37151MA Datasheet HTML 42Page - Renesas Technology Corp M37151MA Datasheet HTML 43Page - Renesas Technology Corp M37151MA Datasheet HTML 44Page - Renesas Technology Corp M37151MA Datasheet HTML 45Page - Renesas Technology Corp M37151MA Datasheet HTML 46Page - Renesas Technology Corp M37151MA Datasheet HTML 47Page - Renesas Technology Corp M37151MA Datasheet HTML 48Page - Renesas Technology Corp M37151MA Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 45 of 136
REJ03B0129-0100Z
Fig. 8.7.3 PWM Mode Register 1
Fig. 8.7.4 PWM Mode Register 2
b7 b6 b5 b4 b3 b2 b1 b0
PWM mode register 1 (PM1) [Address 020816]
B
After reset RW
PWM Mode Register 1
0
1, 2
3
0
NameFunctions
PWM output polarity
selection bit (PM13)
Indeterminate
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : Positive polarity
1 : Negative polarity
R W
R —
RW
PWM counts source
selection bit (PM10)
0 : Count source supply
1 : Count source stop
4
to
7
Indeterminate
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R —
b7 b6 b5 b4 b3 b2 b1 b0
PWM mode register 2 (PM2) [Address 020916]
B
After reset R W
PWM Mode Register 2
0
1
2
3
4
0
Name
Functions
P00/PWM0 output
selection bit (PM20)
0 : P00 output
1 : PWM0 output
P02/PWM2 output
selection bit (PM22)
0 : P02 output
1 : PWM2 output
P03/PWM3 output
selection bit (PM23)
0 : P03 output
1 : PWM3 output
P04/PWM4 output
selection bit (PM24)
0 : P04 output
1 : PWM4 output
5 to
7
Fix these bits to “0.”
P01/PWM1 output
selection bit (PM21)
0 : P01 output
1 : PWM1 output
0
0
0
0
0
RW
RW
RW
RW
RW
RW
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com