Electronic Components Datasheet Search
  English  ▼

X  

PSD913F1-15UI Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD913F1-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1-15UI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD913F1-15UI Datasheet HTML 15Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 16Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 17Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 18Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 19Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 20Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 21Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 22Page - STMicroelectronics PSD913F1-15UI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
Preliminary Information
PSD9XX Family
9.0
The
PSD9XX
Functional
Blocks
As shown in Figure 1, the PSD9XX consists of six major types of functional blocks:
t Memory Blocks
t PLD Blocks
t Bus Interface
t I/O Ports
t Power Management Unit
t JTAG Interface
The functions of each block are described in the following sections. Many of the blocks
perform multiple functions, and are user configurable.
9.1 Memory Blocks
The PSD9XX has the following memory blocks:
• The main Flash memory
• Secondary Flash memory
• SRAM.
The memory select signals for these blocks originate from the Decode PLD (DPLD) and
are user-defined in PSDsoft.
Table 8 summarizes which versions of the PSD9XX contain which memory blocks.
Main Flash
Secondary Flash Block
Device
Flash Size
Sector Size
Block Size
Sector Size
SRAM
PSD913F2
128KB
16KB
32KB
8KB
2KB
PSD934F2
256KB
32KB
32KB
8KB
8KB
PSD954F2
256KB
32KB
32KB
8KB
32KB
Table 8. Memory Blocks
9.1.1 Main Flash and Secondary Flash Memory Description
The main Flash memory block is divided evenly into eight sectors. The secondary Flash
memory is divided into four sectors of eight Kbytes each. Each sector of either memory
can be separately protected from program and erase operations.
Flash memory may be erased on a sector-by-sector basis and programmed byte-by-byte.
Flash sector erasure may be suspended while data is read from other sectors of memory
and then resumed after reading.
During a program or erase of Flash, the status can be output on the Rdy/Bsy pin of Port
C3. This pin is set up using PSDsoft.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com