Electronic Components Datasheet Search
  English  ▼

X  

STU11NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU11NC60
Description  N-CHANNEL 600V - 0.48ohm - 11A Max220 PowerMeshII MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU11NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STU11NC60 Datasheet HTML 1Page - STMicroelectronics STU11NC60 Datasheet HTML 2Page - STMicroelectronics STU11NC60 Datasheet HTML 3Page - STMicroelectronics STU11NC60 Datasheet HTML 4Page - STMicroelectronics STU11NC60 Datasheet HTML 5Page - STMicroelectronics STU11NC60 Datasheet HTML 6Page - STMicroelectronics STU11NC60 Datasheet HTML 7Page - STMicroelectronics STU11NC60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2000
STU11NC60
N-CHANNEL 600V - 0.48
Ω - 11A Max220
PowerMesh
™II MOSFET
s
TYPICAL RDS(on) = 0.48Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLIES (UPS)
s
DC-AC CONVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU11NC60
600V
< 0.55
11 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
11
A
ID
Drain Current (continuos) at TC = 100°C
8A
IDM (q)
Drain Current (pulsed)
44
A
PTOT
Total Dissipation at TC =25°C
160
W
Derating Factor
1.28
W/
°C
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤11A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
1
2
3
Max220
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STU11NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU11N65M2 STMICROELECTRONICS-STU11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
logo
Inchange Semiconductor ...
STU11N65M2 ISC-STU11N65M2 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU11N65M5 STMICROELECTRONICS-STU11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
logo
Inchange Semiconductor ...
STU11N65M5 ISC-STU11N65M5 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU11N65M5 STMICROELECTRONICS-STU11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 Ω typ., 9 A MDmesh™ V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
More results

Similar Description - STU11NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
Jun-2000
logo
Alpha & Omega Semicondu...
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
600V,11A N-Channel MOSFET
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
600V, 11A N-Channel UltraMOS??Power MOSFET
logo
PFC Device Inc.
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
11A 600V Single N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
60R380DS KIA-60R380DS Datasheet
262Kb / 8P
11A 600V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com