Electronic Components Datasheet Search
  English  ▼

X  

M37540E2FP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M37540E2FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540E2FP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M37540E2FP Datasheet HTML 69Page - Renesas Technology Corp M37540E2FP Datasheet HTML 70Page - Renesas Technology Corp M37540E2FP Datasheet HTML 71Page - Renesas Technology Corp M37540E2FP Datasheet HTML 72Page - Renesas Technology Corp M37540E2FP Datasheet HTML 73Page - Renesas Technology Corp M37540E2FP Datasheet HTML 74Page - Renesas Technology Corp M37540E2FP Datasheet HTML 75Page - Renesas Technology Corp M37540E2FP Datasheet HTML 76Page - Renesas Technology Corp M37540E2FP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 73 of 82
REJ03B0011-0400Z
Recommended Operating Conditions (Extended operating temperature 125 °C version)
Table 31 Recommended operating conditions (1) (VCC = 2.4 to 5.5 V, Ta = –40 to 125 °C, unless otherwise noted)
5.5
5.5
5.5
5.5
5.5
5.5
VCC
VCC
VCC
VCC
4.0
2.4
4.0
2.4
4.0
2.4
2.0
0.8VCC
2.0
0.8VCC
0
0
0
0
Min.
Typ.Max.
Symbol
Parameter
Unit
Power source voltage (ceramic)
f(XIN) = 8 MHz (High-, Middle-speed mode)
f(XIN) = 4 MHz (High-, Middle-speed mode)
f(XIN) = 4 MHz (Double-speed mode)
f(XIN) = 2 MHz (Double-speed mode)
f(XIN) = 4 MHz (High-, Middle-speed mode)
f(XIN) = 2 MHz (High-, Middle-speed mode)
5.0
5.0
5.0
5.0
5.0
5.0
0
Limits
VCC
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Power source voltage
Analog reference voltage
“H” input voltage
P00–P07, P10–P14, P20–P27, P30–P37
“H” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“H” input voltage
RESET, XIN
“L” input voltage
P00–P07, P10–P14, P20–P27, P30–P37
“L” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” total peak output current (Note 2)
P00–P07, P10–P14, P20–P27, P37
“L” total peak output current (Note 2)
P30–P36
“H” total average output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” total average output current (Note 2)
P00–P07, P10–P14, P20–P27, P37
“L” total average output current (Note 2)
P30–P36
Note 1: Vcc = 4.0 to 5.5V
2: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
0.3VCC
0.8
0.2VCC
0.16VCC
–80
80
60
–40
40
30
VSS
VREF
VIH
VIH
VIH
VIL
VIL
VIL
VIL
∑IOH(peak)
∑IOL(peak)
∑IOL(peak)
∑IOH(avg)
∑IOL(avg)
∑IOL(avg)
Power source voltage (RC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com