| Electronic Components Datasheet Search |
|
M37540E8SP Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37540E8SP Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 88 page ![]() 7540 Group Rev.4.00 Jun 21, 2004 page 13 of 82 REJ03B0011-0400Z [CPU mode register] CPUM The CPU mode register contains the stack page selection bit. This register is allocated at address 003B16. Switching method of CPU mode register Switch the CPU mode register (CPUM) at the head of program af- ter releasing Reset in the following method. Fig. 12 Switching method of CPU mode register Fig. 11 Structure of CPU mode register Oscillation mode selection bit (Note 1) 0 : Ceramic oscillation 1 : RC oscillation CPU mode register (CPUM: address 003B16, initial value: 8016) Stack page selection bit 0 : 0 page 1 : 1 page Clock division ratio selection bits b7 b6 0 0 : f( φ) = f(XIN)/2 (High-speed mode) 0 1 : f( φ) = f(XIN)/8 (Middle-speed mode) 1 0 : applied from on-cihp oscillator 1 1 : f( φ) = f(XIN) (Double-speed mode)(Note 2) On-chip oscillator oscillation control bit 0 : On-chip oscillator oscillation enabled 1 : On-chip oscillator oscillation stop XIN oscillation control bit 0 : Ceramic or RC oscillation enabled 1 : Ceramic or RC oscillation stop Processor mode bits (Note 1) b1 b0 0 0 Single-chip mode 0 1 1 0 1 1 Not available b7 b0 2: These bits are used only when a ceramic oscillation is selected. Note 1: The bit can be rewritten only once after releasing reset. After rewriting it is disable to write any data to the bit. However, by reset the bit is initialized and can be rewritten, again. (It is not disable to write any data to the bit for emulator MCU “M37540RSS”.) Do not use these when an RC oscillation is selected. After releasing reset Switch the oscillation mode selection bit (bit 5 of CPUM) Switch the clock division ratio selection bits (bits 6 and 7 of CPUM) Main routine Start with an on-chip oscillator An initial value is set as a ceramic oscillation mode. When it is switched to an RC oscillation, its oscillation starts. Select 1/1, 1/2, 1/8 or on-chip oscillator. Wait by on-chip oscillator operation until establishment of oscillator clock When using a ceramic oscillation, wait until establlishment of oscillation from oscillation starts. When using an RC oscillation, wait time is not required basically (time to execute the instruction to switch from an on-chip oscillator meets the requirement). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |