Electronic Components Datasheet Search
  English  ▼

X  

HD74HC151 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC151
Description  1-of-8-line Data Selector/Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC151 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC151 Datasheet HTML 1Page - Renesas Technology Corp HD74HC151 Datasheet HTML 2Page - Renesas Technology Corp HD74HC151 Datasheet HTML 3Page - Renesas Technology Corp HD74HC151 Datasheet HTML 4Page - Renesas Technology Corp HD74HC151 Datasheet HTML 5Page - Renesas Technology Corp HD74HC151 Datasheet HTML 6Page - Renesas Technology Corp HD74HC151 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC151
Rev.2.00, Oct 11, 2005 page 4 of 6
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
—
—
205
—
255
4.5
—
18
41
—
51
tPLH, tPHL
6.0
—
—
35
—
43
ns
A, B or C to Y
2.0
—
—
185
—
230
4.5
—
18
37
—
46
tPLH, tPHL
6.0
—
—
31
—
39
ns
A, B or C to W
2.0
—
—
175
—
220
4.5
—
16
35
—
44
tPLH, tPHL
6.0
—
—
30
—
37
ns
Any D to Y
2.0
—
—
170
—
215
4.5
—
16
34
—
43
tPLH, tPHL
6.0
—
—
29
—
37
ns
Any D to W
2.0
—
—
125
—
155
4.5
—
10
25
—
31
tPLH, tPHL
6.0
—
—
21
—
26
ns
Strobe to Y
2.0
—
—
115
—
145
4.5
—
10
23
—
29
Propagation delay
time
tPLH, tPHL
6.0
—
—
20
—
25
ns
Strobe to W
2.0
—
—
75
—
95
4.5
—
5
15
—
19
Output rise/fall
time
tTLH, tTHL
6.0
—
—
13
—
16
ns
Input capacitance
Cin
—
—
5
10
—
10
pF
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com