Electronic Components Datasheet Search
  English  ▼

X  

HD74HC151P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC151P
Description  1-of-8-line Data Selector/Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC151P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC151P Datasheet HTML 1Page - Renesas Technology Corp HD74HC151P Datasheet HTML 2Page - Renesas Technology Corp HD74HC151P Datasheet HTML 3Page - Renesas Technology Corp HD74HC151P Datasheet HTML 4Page - Renesas Technology Corp HD74HC151P Datasheet HTML 5Page - Renesas Technology Corp HD74HC151P Datasheet HTML 6Page - Renesas Technology Corp HD74HC151P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 6
HD74HC151
1-of-8-line Data Selector/Multiplexer
REJ03D0575-0200
(Previous ADE-205-449)
Rev.2.00
Oct 11, 2005
Description
HD74HC151 selects one of the 8 data sources, depending on the address presented on the A, B and C inputs. It features
both true (Y) and complement (W) outputs. The strobe input must be at a low logic level to enable this multiplexer. A
high logic level at the strobe forces the W output high and the Y output low.
Features
• High Speed Operation: t
pd (Any D to Y or W) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC151P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC151FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC151RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Select
Outputs
C
B
A
Strobe S
Y
W
X
X
X
H
L
H
L
L
L
L
D0
D
0
L
L
H
L
D1
D
1
L
H
L
L
D2
D
2
L
H
H
L
D3
D
3
H
L
L
L
D4
D
4
H
L
H
L
D5
D
5
H
H
L
L
D6
D
6
H
H
H
L
D7
D
7
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC151P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
More results

Similar Description - HD74HC151P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
1-of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
9312 TI1-9312_11 Datasheet
360Kb / 8P
DM9312 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com