Electronic Components Datasheet Search
  English  ▼

X  

HD74HC152 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC152
Description  1-of-8-line Data Selector/Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC152 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC152 Datasheet HTML 1Page - Renesas Technology Corp HD74HC152 Datasheet HTML 2Page - Renesas Technology Corp HD74HC152 Datasheet HTML 3Page - Renesas Technology Corp HD74HC152 Datasheet HTML 4Page - Renesas Technology Corp HD74HC152 Datasheet HTML 5Page - Renesas Technology Corp HD74HC152 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74HC152
Rev.2.00, Oct 11, 2005 page 4 of 5
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
—
—
160
—
200
4.5
—
17
32
—
40
tPLH, tPHL
6.0
—
—
27
—
34
ns
A, B or C to W
2.0
—
—
150
—
190
4.5
—
15
30
—
38
Propagation delay
time
tPLH, tPHL
6.0
—
—
26
—
33
ns
Any D to W
2.0
—
—
75
—
95
4.5
—
5
15
—
19
Output rise/fall
time
tTLH, tTHL
6.0
—
—
13
—
16
ns
Input capacitance
Cin
—
—
5
10
—
10
pF
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L
Waveforms
0 V
VCC
VOH
VOL
tPLH
tPHL
10 %
90 %
50 %
50 %
50 %
50 %
10 %
90 %
tr
tf
tTHL
10 %
90 %
tTLH
10 %
90 %
VOH
VOL
50 %
50 %
tTHL
10 %
90 %
tTLH
10 %
90 %
tPHL
tPLH
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
Input
Same-phase output
Inverse-phase output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com