Electronic Components Datasheet Search
  English  ▼

X  

HD74HC155 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC155
Description  Dual 2-to-4-line Decoders/Demultiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC155 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC155 Datasheet HTML 1Page - Renesas Technology Corp HD74HC155 Datasheet HTML 2Page - Renesas Technology Corp HD74HC155 Datasheet HTML 3Page - Renesas Technology Corp HD74HC155 Datasheet HTML 4Page - Renesas Technology Corp HD74HC155 Datasheet HTML 5Page - Renesas Technology Corp HD74HC155 Datasheet HTML 6Page - Renesas Technology Corp HD74HC155 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74HC155
Rev.2.00, Oct 11, 2005 page 3 of 6
Pin Arrangement
1
2
3
4
5
6
7
8
1Y3
1Y2
1Y1
1Y0
GND
VCC
2Y3
2Y2
2Y1
2Y0
16
15
14
13
12
11
10
9
(Top view)
Select
Input A
Strobe
2G
Data
2C
Outputs
Data
1C
Strobe
1G
Select
Input B
Outputs
B
B
A
A
B
B
A
A
1Y3
2Y3
2Y2
2Y1
2Y0
1Y2
1Y1
1Y0
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±25
mA
DC current drain per VCC, GND
ICC, IGND
±50
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com