Electronic Components Datasheet Search
  English  ▼

X  

STU7NA90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU7NA90
Description  N - CHANNEL 900V - 1.05 ohm - 7A - Max220 FAST POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NA90 Datasheet(HTML) 1 Page - STMicroelectronics

  STU7NA90 Datasheet HTML 1Page - STMicroelectronics STU7NA90 Datasheet HTML 2Page - STMicroelectronics STU7NA90 Datasheet HTML 3Page - STMicroelectronics STU7NA90 Datasheet HTML 4Page - STMicroelectronics STU7NA90 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STU7NA90
N - CHANNEL 900V - 1.05
Ω - 7A - Max220
FAST POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.05
Ω
s
± 30V GATE TO SOURCE VOLTAGE
RANTING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
CONSUMER AND INDUSTRIAL LIGHTING
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY (UPS)
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
900
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC7
A
ID
Drain Current (continuous) at Tc = 100
oC
4.41
A
IDM(
•)
Drain Current (pulsed)
28
A
Ptot
Total Dissipation at Tc = 25
oC
160
W
Derating Factor
1.28
W/
oC
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU7NA90
900 V
< 1.3
Ω
7 A
Max220
1
2
3
1/5


Similar Part No. - STU7NA90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
Jun-1998
More results

Similar Description - STU7NA90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU6NA100 STMICROELECTRONICS-STU6NA100 Datasheet
50Kb / 5P
N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR
Jun-1998
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
Jun-1998
STU7NB90 STMICROELECTRONICS-STU7NB90 Datasheet
403Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
May-2001
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
Oct-1998
logo
Unisonic Technologies
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
logo
Shindengen Electric Mfg...
P7F90VX3 SHINDENGEN-P7F90VX3 Datasheet
1Mb / 8P
Power MOSFETs 900V, 7A, N-channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com