Electronic Components Datasheet Search
  English  ▼

X  

HA178L00 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA178L00
Description  3-terminal Fixed Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L00 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA178L00 Datasheet HTML 8Page - Renesas Technology Corp HA178L00 Datasheet HTML 9Page - Renesas Technology Corp HA178L00 Datasheet HTML 10Page - Renesas Technology Corp HA178L00 Datasheet HTML 11Page - Renesas Technology Corp HA178L00 Datasheet HTML 12Page - Renesas Technology Corp HA178L00 Datasheet HTML 13Page - Renesas Technology Corp HA178L00 Datasheet HTML 14Page - Renesas Technology Corp HA178L00 Datasheet HTML 15Page - Renesas Technology Corp HA178L00 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HA178L00 Series
REJ03D0683-0300 Rev.3.00 Oct 24, 2007
Page 13 of 15
5
050
250
Output Current IOUT (mA)
1
HA178L05
VIN = 10 V
VOUT = 5 V
Tj = 25
°C
3
2
4
6
100
150
200
300
Quiescent Current vs. Junction Temperature (3)
Quiescent Current vs. Junction Temperature (2)
Quiescent Current vs. Junction Temperature (1)
3.5
3.0
–40–25
025
50
75 100 125 150
Junction Temperature Tj (
°C)
2.5
HA178L02
VIN = 10 V
VOUT = 2.48 V
IOUT = 40 mA
3.5
3.0
–40–25
0
25
50
75 100 125 150
Junction Temperature Tj (
°C)
2.5
HA178L15
VIN = 23 V
VOUT = 15 V
IOUT = 40 mA
0
3.5
3.0
–40–25
0
25
50
75 100 125 150
Junction Temperature Tj (
°C)
2.5
HA178L05
VIN = 10 V
VOUT = 5 V
IOUT = 40 mA
Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com