Electronic Components Datasheet Search
  English  ▼

X  

STU8NC90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU8NC90Z
Description  N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8NC90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STU8NC90Z Datasheet HTML 1Page - STMicroelectronics STU8NC90Z Datasheet HTML 2Page - STMicroelectronics STU8NC90Z Datasheet HTML 3Page - STMicroelectronics STU8NC90Z Datasheet HTML 4Page - STMicroelectronics STU8NC90Z Datasheet HTML 5Page - STMicroelectronics STU8NC90Z Datasheet HTML 6Page - STMicroelectronics STU8NC90Z Datasheet HTML 7Page - STMicroelectronics STU8NC90Z Datasheet HTML 8Page - STMicroelectronics STU8NC90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Sep 2000
STU8NC90Z
STU8NC90ZI
N-CHANNEL 900V - 1.1
Ω - 7.6A Max220/I-Max220
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 1.1Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
GATE-TO-SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU8NC90Z
STU9NC90ZI
900 V
900 V
< 1.38
Ω
< 1.38
Ω
7 A
7 A
Symbol
Parameter
Value
Unit
STU8NC90Z
STU8NC90ZI
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuos) at TC = 25°C
7
7(*)
A
ID
Drain Current (continuos) at TC = 100°C
4.4
4.4(*)
A
IDM (1)
Drain Current (pulsed)
28
28(*)
A
PTOT
Total Dissipation at TC = 25°C
160
55
W
Derating Factor
1.28
0.44
W/°C
IGS
Gate-source Current
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
dv/dt(q)
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤ 7A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*)Limited only by maximum temperature allowed
Max220
I-Max220
1
2
3


Similar Part No. - STU8NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU8N65M5 STMICROELECTRONICS-STU8N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
05-Jul-2011
logo
Inchange Semiconductor ...
STU8N65M5 ISC-STU8N65M5 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU8N80K5 STMICROELECTRONICS-STU8N80K5 Datasheet
1Mb / 16P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
27-Mar-2013
STU8NA80 STMICROELECTRONICS-STU8NA80 Datasheet
71Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
More results

Similar Description - STU8NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC90Z STMICROELECTRONICS-STB3NC90Z Datasheet
418Kb / 9P
N-CHANNEL 900V - 3.2Ω - 3.5A D2PAK Zener-Protected PowerMESH™ III MOSFET
May-2001
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH™ II MOSFET
Sep-2000
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
STU7NB90 STMICROELECTRONICS-STU7NB90 Datasheet
403Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
May-2001
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
STU9NC80Z STMICROELECTRONICS-STU9NC80Z Datasheet
407Kb / 10P
N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com