Electronic Components Datasheet Search
  English  ▼

X  

STU9NA60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU9NA60
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9NA60 Datasheet(HTML) 1 Page - STMicroelectronics

  STU9NA60 Datasheet HTML 1Page - STMicroelectronics STU9NA60 Datasheet HTML 2Page - STMicroelectronics STU9NA60 Datasheet HTML 3Page - STMicroelectronics STU9NA60 Datasheet HTML 4Page - STMicroelectronics STU9NA60 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STU9NA60
N - CHANNEL ENHANCEMENT MODE
FAST POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.68
Ω
s
EFFICIENT AND RELAIBLE MOUNTING
THROUGH CLIP
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
DESCRIPTION
The Max220
TM package is a new high volume
power package exibiting the same footprint as the
industry standard TO-220, but designed to
accomodate much larger silicon chips, normally
supplied in bigger packages. The increased die
capacity makes the device ideal to reduce
component count in multiple paralleled TO-220
designs and save board space with respect to
larger packages.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES (UPS)
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STU9NA60
600 V
< 0.8
Ω
9 A
March 1996
1
2
3
Max220
TM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
600
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC9
A
ID
Drain Current (continuous) at Tc = 100
o C
5.7
A
IDM(
•)
Drain Current (pulsed)
36
A
Ptot
Total Dissipation at Tc = 25
o C
145
W
Derating Factor
1.16
W/
oC
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1/5


Similar Part No. - STU9NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9N60M2 STMICROELECTRONICS-STU9N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
30-May-2013
logo
Inchange Semiconductor ...
STU9N60M2 ISC-STU9N60M2 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU9N65M2 STMICROELECTRONICS-STU9N65M2 Datasheet
1Mb / 23P
Extremely low gate charge
July 2014 Rev 2
logo
Inchange Semiconductor ...
STU9N65M2 ISC-STU9N65M2 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
More results

Similar Description - STU9NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1997
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com