Electronic Components Datasheet Search
  English  ▼

X  

HA1630S04LP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA1630S04LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S04LP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA1630S04LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S04LP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 7 of 24
Jan 10, 2014
Figure 1-14. HA1630S04
Open Loop Voltage Gain and Phase Angle vs. Frequency
−40
−20
0
20
40
60
80
100
Frequency f (Hz)
−90
−45
0
45
90
135
180
225
Open Loop Voltage Gain
Phase Angle
Phase Margin: 57 deg
Figure 1-13. HA1630S04
Common Mode Rejection Ratio vs. Frequency
0
20
40
60
80
100
Frequency f (Hz)
Figure 1-12. HA1630S04
Power Supply Rejection Ratio vs. Frequency
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
10
100
1k
10k
100k
1M
10M
10
100
1k
10k
100k
1M
10M
Frequency f (Hz)
Ta = 25
°C
VDD = 3.0 V
RL = 1 MΩ
CL = 20 pF
Ta = 25
°C
VDD = 3.0 V
RL = 1 MΩ
CL = 20 pF
Ta = 25
°C
VDD = 3.0 V
RL = 1 MΩ
CL = 20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com