Electronic Components Datasheet Search
  English  ▼

X  

STU9NC80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU9NC80Z
Description  N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9NC80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STU9NC80Z Datasheet HTML 1Page - STMicroelectronics STU9NC80Z Datasheet HTML 2Page - STMicroelectronics STU9NC80Z Datasheet HTML 3Page - STMicroelectronics STU9NC80Z Datasheet HTML 4Page - STMicroelectronics STU9NC80Z Datasheet HTML 5Page - STMicroelectronics STU9NC80Z Datasheet HTML 6Page - STMicroelectronics STU9NC80Z Datasheet HTML 7Page - STMicroelectronics STU9NC80Z Datasheet HTML 8Page - STMicroelectronics STU9NC80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Sep 2000
STU9NC80Z
STU9NC80ZI
N-CHANNEL 800V - 0.82
Ω - 8.6A Max220/I-Max220
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 0.82Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
GATE-TO-SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU9NC80Z
STU9NC80ZI
800 V
800 V
<0.9
Ω
<0.9
Ω
8.6 A
8.6 A
Symbol
Parameter
Value
Unit
STU9NC80Z
STU9NC80ZI
VDS
Drain-source Voltage (VGS = 0)
800
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
800
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuos) at TC = 25°C
8.6
8.6(*)
A
ID
Drain Current (continuos) at TC = 100°C
5.4
5.4(*)
A
IDM (1)
Drain Current (pulsed)
34.4
34.4(*)
A
PTOT
Total Dissipation at TC = 25°C
160
55
W
Derating Factor
1.28
0.44
W/°C
IGS
Gate-source Current
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
dv/dt(q)
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤8.6A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*)Limited only by maximum temperature allowed
Max220
I-Max220
1
2
3


Similar Part No. - STU9NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9NC90ZI STMICROELECTRONICS-STU9NC90ZI Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
More results

Similar Description - STU9NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU10NB80 STMICROELECTRONICS-STU10NB80 Datasheet
44Kb / 5P
N - CHANNEL 800V - 0.65ohm - 10A - Max220 PowerMESHO MOSFET
Apr-1999
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH™ II MOSFET
Sep-2000
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com