Electronic Components Datasheet Search
  English  ▼

X  

HAT3018R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HAT3018R
Description  Silicon N/P Channel Power MOS FET High Speed Power Switching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3018R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HAT3018R Datasheet HTML 8Page - Renesas Technology Corp HAT3018R Datasheet HTML 9Page - Renesas Technology Corp HAT3018R Datasheet HTML 10Page - Renesas Technology Corp HAT3018R Datasheet HTML 11Page - Renesas Technology Corp HAT3018R Datasheet HTML 12Page - Renesas Technology Corp HAT3018R Datasheet HTML 13Page - Renesas Technology Corp HAT3018R Datasheet HTML 14Page - Renesas Technology Corp HAT3018R Datasheet HTML 15Page - Renesas Technology Corp HAT3018R Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HAT3018R, HAT3018RJ
Rev.1.00, Oct.20.2003, page 13 of 15
• In common
4.0
3.0
2.0
1.0
0
50
100
150
200
Power vs. Temperature Derating
Test Condition:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm) PW ≤ 10 s
1 Drive
O
peration
Case Temperature
Tc (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com