Electronic Components Datasheet Search
  English  ▼

X  

2SD2247 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2247
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2247 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2247 Datasheet HTML 1Page - Renesas Technology Corp 2SD2247 Datasheet HTML 2Page - Renesas Technology Corp 2SD2247 Datasheet HTML 3Page - Renesas Technology Corp 2SD2247 Datasheet HTML 4Page - Renesas Technology Corp 2SD2247 Datasheet HTML 5Page - Renesas Technology Corp 2SD2247 Datasheet HTML 6Page - Renesas Technology Corp 2SD2247 Datasheet HTML 7Page - Renesas Technology Corp 2SD2247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SD2247
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
55
V
Collector to emitter voltage
V
CEO
50
V
Emitter to base voltage
V
EBO
5V
Collector current
I
C
100
mA
Emitter current
I
E
–100
mA
Collector power dissipation
P
C
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
55
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
50
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
—
VI
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
µAV
CB = 40 V, IE = 0
Emitter cutoff current
I
EBO
—
—
0.5
µAV
EB = 4 V, IC = 0
DC current transfer ratio
h
FE*
1
100
—
320
V
CE = 12 V, IC = 2 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
—
0.2
V
I
C = 10 mA, IB = 1 mA
Base to emitter voltage
V
BE
—
0.67
0.75
V
V
CE = 12 V, IC = 2 mA
Gain bandwidth product
f
T
—
—
100
MHz
V
CE = 12 V, IC = 2 mA
Collector output capacitance
Cob
—
1.8
3.5
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Note:
1. The 2SD2247 is grouped by h
FE as follows.
Grade
B
C
h
FE
100 to 200
160 to 320



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com