Electronic Components Datasheet Search
  English  ▼

X  

2SD2263 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2263
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2263 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2263 Datasheet HTML 1Page - Renesas Technology Corp 2SD2263 Datasheet HTML 2Page - Renesas Technology Corp 2SD2263 Datasheet HTML 3Page - Renesas Technology Corp 2SD2263 Datasheet HTML 4Page - Renesas Technology Corp 2SD2263 Datasheet HTML 5Page - Renesas Technology Corp 2SD2263 Datasheet HTML 6Page - Renesas Technology Corp 2SD2263 Datasheet HTML 7Page - Renesas Technology Corp 2SD2263 Datasheet HTML 8Page - Renesas Technology Corp 2SD2263 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SD2263
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
25
V
Collector to emitter voltage
V
CEO
25
V
Emitter to base voltage
V
EBO
6V
Collector current
I
C
0.5
A
Collector peak current
i
C(peak)
1.0
A
E to C diode current
I
D
0.5
A
Collector power dissipation
P
C
0.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
25
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
25
—
35
V
I
C = 1 mA, RBE = ∞
Collector to emitter sustaining
voltage
V
CEO (sus)
26
—
36
V
I
C = 0.5 A, RBE = ∞,
L = 20 mH
Emitter to base breakdown
voltage
V
(BR)EBO
6—
—
VI
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.2
µAV
CB = 20 V, IE = 0
I
CEO
—
—
0.5
µAV
CE = 20 V, RBE = ∞
Emitter cutoff current
I
EBO
—
—
0.2
µAV
EB = 5 V, IC = 0
DC current transfer ratio
h
FE1
100
—
500
V
CE = 2 V, IC = 50 mA*
1
h
FE2
50
—
—
V
CE = 2 V, IC = 0.5 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
—
—
0.5
V
I
C = 0.5 A*
1, I
B = 50 mA
E to C diode forward voltage
V
D
—
—
1.2
V
I
E = 0.5 A*
1
Note:
1. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com