Electronic Components Datasheet Search
  English  ▼

X  

HVL147 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVL147
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL147 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL147 Datasheet HTML 1Page - Renesas Technology Corp HVL147 Datasheet HTML 2Page - Renesas Technology Corp HVL147 Datasheet HTML 3Page - Renesas Technology Corp HVL147 Datasheet HTML 4Page - Renesas Technology Corp HVL147 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVL147
Rev.3.00 Jan 13, 2006 page 3 of 4
Main Characteristic
10
100
1.0
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
040
10
30
20
50
10
-10
10
-8
10
-9
10
-11
10
-12
10
-13
10
-14
0.1
10
1.0
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (mA)
Ta = 25
°C
Ta = 75
°C
2
010
46
8
f = 1MHz
0.1
1.0
10
f = 100MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com