Electronic Components Datasheet Search
  English  ▼

X  

HVL368CM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVL368CM
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL368CM Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL368CM Datasheet HTML 1Page - Renesas Technology Corp HVL368CM Datasheet HTML 2Page - Renesas Technology Corp HVL368CM Datasheet HTML 3Page - Renesas Technology Corp HVL368CM Datasheet HTML 4Page - Renesas Technology Corp HVL368CM Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVL368CM
Rev.2.00 Mar 10, 2006 page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
10
0.1
05
10
15
25
5
0
10
15
20
1.0
10
0.1
10
–10
10
–11
10
–12
10
–13
10
–14
f = 1MHz
f = 470MHz
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com