Electronic Components Datasheet Search
  English  ▼

X  

M62501FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62501FP
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62501FP Datasheet HTML 1Page - Renesas Technology Corp M62501FP Datasheet HTML 2Page - Renesas Technology Corp M62501FP Datasheet HTML 3Page - Renesas Technology Corp M62501FP Datasheet HTML 4Page - Renesas Technology Corp M62501FP Datasheet HTML 5Page - Renesas Technology Corp M62501FP Datasheet HTML 6Page - Renesas Technology Corp M62501FP Datasheet HTML 7Page - Renesas Technology Corp M62501FP Datasheet HTML 8Page - Renesas Technology Corp M62501FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 5 of 10
Terminal
No.
Symbol
Function and Terminal Circumscription Circuitry
6
P.OUT
The abnormal state detection output terminal
• The output becomes "H" from "L" when an abnormality is detected
in the OVP or UVP terminal. Then the PWM output terminal
becomes "H" settlement, too.
• Do OFF of power supply (V
CC) to remove latch of abnormal state.
• In abnormal state detection;
Output "H" level = 10.5 V typ
(The output load current: no-load, VCC = 12 V)
Output "L" level = 1.5 V typ
(The output load current:
−1 mA, VCC = 12 V)
• In normal state ;
Output "L" level = 0.4 V typ
(The output load current: +10 mA, VCC = 12 V)
16
6
2
P. OUT
GND
VCC
7
OVP
Over voltage protection of the control line (OVP)
• Setting terminal voltage;
GND
≤ VOVP < VREF
8
UVP
Under voltage protection of the control line (UVP)
• Setting terminal voltage;
GND
≤ VUVP < VOVP
8
7
15
16
GND
2
VREF
VCC
OVP
UVP
To latch Input
Note:
lt is connected to GND when the abnormal detection terminal is not used.
9
10
BI
BO
The input terminal of a buffer Amp. (BI)
The output terminal of a buffer Amp. (BO)
2
9
10
VCC
BI
BO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com