| Electronic Components Datasheet Search |
|
STV0680B Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0680B Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 63 page ![]() Introduction STV0680B + VV6444/6410/6500 8/63 Version 3.4 q A greater number of images can be stored when ‘Low’ resolution mode is enabled (e.g. 80 QCIF images with 16Mbit memory, 107 QVGA images with 64Mbit memory). See Table 3. q Automatic anti-flicker exposure and gain control 1.4.2 Image features (STV0680B-003) q All image features for STV0680B-001 are supported. q Support for flashgun. 1.4.3 User features on camera (STV0680B-001) q Self-timer mode allows a picture to be captured after several seconds. q Twin 7 segment LCD panel supported - showing number of pictures left, and modes. q Picture counter helps the user to know how much memory is left. q Un-tethered ‘Continuous’ mode allows capture of image sequences for storage in memory and subsequent download to PC. q Piezo buzzer indicates a number of useful events to the user, e.g. whether enough light is present for picture capture, etc. q Indicator LED. q “Clear all” function clears camera. q “Low Resolution” mode increases number of images which can be captured by reducing image resolution. 1.4.4 User features on camera (STV0680B-003) q All user features of STV0680B-001 are supported. q Audio Record function (if audio record hardware detected) allows sounds to be recorded. q Audio Playback function (if audio playback hardware fitted) allows sounds which have been recorded to be played back. q “Delete last” function allows user to delete audio memos, pictures or continuous clips, deletion must be carried out “most reset first”. q Camera can be configured by the user to play custom sounds at certain functions, using a PC application. q “Go to sleep” function, whereby the camera can be put into standby mode while untethered. 1.4.5 User features on PC software (STV0680B-001) PC software allows a number of features, including fast download of thumbnail images for picture selection, and automatic detection and correction of sensor defects. The driver compatibility includes: q TWAIN driver to suit all TWAIN compatible imaging applications q Video for Windows PC driver for tethered video mode (through USB), available at all resolutions, with fastest framerates at QCIF resolution q AVI video file creation from image sequences captured in ‘continuous’ mode q Quicktime Video driver and Adobe Photoshop stills plug-in for Mac Custom OEM PC software can be developed by using the SDK (for SDK availability, contact ST), to upload thumbnails/still images or ‘continuous’ images, e.g. for AVI file creation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |