Electronic Components Datasheet Search
  English  ▼

X  

HD74HC85 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC85
Description  4-bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC85 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC85 Datasheet HTML 1Page - Renesas Technology Corp HD74HC85 Datasheet HTML 2Page - Renesas Technology Corp HD74HC85 Datasheet HTML 3Page - Renesas Technology Corp HD74HC85 Datasheet HTML 4Page - Renesas Technology Corp HD74HC85 Datasheet HTML 5Page - Renesas Technology Corp HD74HC85 Datasheet HTML 6Page - Renesas Technology Corp HD74HC85 Datasheet HTML 7Page - Renesas Technology Corp HD74HC85 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 7
HD74HC85
4-bit Magnitude Comparator
REJ03D0555-0200
(Previous ADE-205-427)
Rev.2.00
Oct 06, 2005
Description
The HD74HC85 is designed for high speed comparison of two four bit words. This circuit has eight comparison input,
4 for each word; three cascade inputs (A < B, A > B, A = B); and three decision outputs (A < B, A > B, A = B). The
result of a comparison is indicated by a high level on one of the decision outputs. Thus it may be determined whether
one word is “greater than,” “less than,” or “equal to” the other word. By connecting the outputs of the least significant
stage to the cascade inputs of the next stage, words of greater than four bits can be compared. In addition the least
significant stage must have a high level applied to the A = B input, and a low level to the A < B, and A > B inputs.
Features
• High Speed Operation: t
pd (Data Word Input to Output) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC85P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC85FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC85RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74HC85

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC85 HITACHI-HD74HC85 Datasheet
53Kb / 9P
4-Bit Magnitude Comparator
More results

Similar Description - HD74HC85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com