Electronic Components Datasheet Search
  English  ▼

X  

HVC317B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HVC317B
Description  Variable Capacitance Diode for tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC317B Datasheet(HTML) 5 Page - Renesas Technology Corp

  HVC317B Datasheet HTML 1Page - Renesas Technology Corp HVC317B Datasheet HTML 2Page - Renesas Technology Corp HVC317B Datasheet HTML 3Page - Renesas Technology Corp HVC317B Datasheet HTML 4Page - Renesas Technology Corp HVC317B Datasheet HTML 5Page - Renesas Technology Corp HVC317B Datasheet HTML 6Page - Renesas Technology Corp HVC317B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HVC317B
Rev.0, Apr. 1996, page 3 of 3
Main Characteristic
10
Reverse voltage V R (V)
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Reverse voltage V R (V)
Reverse voltage V R (V)
Fig.3 Series resistance Vs. Reverse voltage
Reverse voltage V R (V)
Fig.4 Linearity factor Vs. Reverse voltage
0
10
50
20
-13
30
40
10
-9
10
-8
10
-6
10
-7
10-10
10-11
10-12
12
10
8
4
2
6
0
f=1MHz
0
0.5
1.0
1.5
2.0
2.5
f=470MHz
1.0
10
3.0
10
2
30
1.0
10
10
2
-2.0
-1.5
-1.0
-0.5
0.0
10
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com