Electronic Components Datasheet Search
  English  ▼

X  

HD74HC95 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC95
Description  8-bit Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC95 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC95 Datasheet HTML 1Page - Renesas Technology Corp HD74HC95 Datasheet HTML 2Page - Renesas Technology Corp HD74HC95 Datasheet HTML 3Page - Renesas Technology Corp HD74HC95 Datasheet HTML 4Page - Renesas Technology Corp HD74HC95 Datasheet HTML 5Page - Renesas Technology Corp HD74HC95 Datasheet HTML 6Page - Renesas Technology Corp HD74HC95 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC95
8-bit Shift Register
REJ03D0558-0200
(Previous ADE-205-431)
Rev.2.00
Oct 06, 2005
Description
This 4-bit register features parallel and serial inputs, parallel outputs, mode control, and two clock inputs. The register
has three mode operation:
• Parallel (broadside) load
• Shift right (the direction Q
A toward QD)
• Shift left (the direction Q
D toward QA)
Parallel loading is accomplished by applying the four bits of data and taking the mode control input high. The data is
loaded into the associated flip-flops and appears at the outputs after the high-to-low transition of the clock-2 input.
During loading, the entry of serial data is inhibited. Shift right is accomplished on the high-to-low transition of clock-1
when the mode control is low; shift left is accomplished on the high-to-low transition of clock-2 when the mode control
is high by connecting the output of each flip-flop (QD to input C, etc.) and serial data is entered at input D. The clock
input may be applied commonly to clock-1 and clock-2 if both modes can be clocked from the same source. Changes at
the mode control input should normally be made while both clock inputs are low: however, conditions described in the
last three lines of the function table will also ensure that register contents are protected.
Features
• High Speed Operation: t
pd (Clock to Q) = 17 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC95P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC95RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)


Similar Part No. - HD74HC95

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
4-bit Parallel Access Shift Register
More results

Similar Description - HD74HC95

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
08-Sep-1999
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
17-May-2001
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com