Electronic Components Datasheet Search
  English  ▼

X  

FS20KM-6 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS20KM-6
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS20KM-6 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS20KM-6 Datasheet HTML 1Page - Renesas Technology Corp FS20KM-6 Datasheet HTML 2Page - Renesas Technology Corp FS20KM-6 Datasheet HTML 3Page - Renesas Technology Corp FS20KM-6 Datasheet HTML 4Page - Renesas Technology Corp FS20KM-6 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
20
16
12
8
4
0
0
4
8
12
16
20
ID = 40A
TC = 25°C
Pulse Test
20A
10A
40
32
24
16
8
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
102
7
5
3
2
100
100
23
5 7 101
101
7
5
3
2
23
5 7 102
TC = 25°C
VDS = 10V
Pulse Test
125°C
75°C
23
5 7 101
103
7
5
3
2
102
7
5
3
2
23
5 7 102
100
101
Tch = 25°C
VDD = 150V
VGS = 10V
RGEN = RGS = 50
Ω
tf
td(off)
tr
td(on)
23 5 7 102
103
7
5
3
2
102
7
5
3
2
101
5
3
2
23 5 7 101
23 5 7 100
23
Ciss
Tch = 25°C
f = 1MHz
VGS = 0V
Coss
Crss
0
23
10–1
57 100 23 5 7 101 23 5 7 102
0.5
0.4
0.3
0.2
0.1
TC = 25°C
Pulse Test
VGS = 10V
20V
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Nch POWER MOSFET
FS20KM-6
HIGH-SPEED SWITCHING USE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com