Electronic Components Datasheet Search
  English  ▼

X  

HD26LS32 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD26LS32
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD26LS32 Datasheet HTML 2Page - Renesas Technology Corp HD26LS32 Datasheet HTML 3Page - Renesas Technology Corp HD26LS32 Datasheet HTML 4Page - Renesas Technology Corp HD26LS32 Datasheet HTML 5Page - Renesas Technology Corp HD26LS32 Datasheet HTML 6Page - Renesas Technology Corp HD26LS32 Datasheet HTML 7Page - Renesas Technology Corp HD26LS32 Datasheet HTML 8Page - Renesas Technology Corp HD26LS32 Datasheet HTML 9Page - Renesas Technology Corp HD26LS32 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 6 of 14
2. t
HZ, tZH
Test circuit
Input
Pulse
Generator
2.5 V
2 V
CL
Output
Ω
2 k
VCC
Ω
5 k
S1
*1
*2
*3
*4
Waveforms
Enable G
1.3 V
1.3 V
1.3 V
1.3 V
tZH
OH
V
1.3 V
3 V
0 V
3 V
0 V
tHZ
0.5 V
Output
Enable G
S1 : Open
0 V
1.4 V
S1 : Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com