Electronic Components Datasheet Search
  English  ▼

X  

HD74ACT125 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ACT125
Description  Quad Buffer/Line Driver with 3-State Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT125 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ACT125 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74AC125/HD74ACT125
Rev.3.00, Nov.12.2004, page 3 of 8
DC Characteristics: HD74AC125
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Sym-
bol
Vcc
(V)
min.
typ.
max.
min.
max.
Unit
Condition
3.0
2.1
1.5
—
2.1
—
4.5
3.15
2.25
—
3.15
—
VIH
5.5
3.85
2.75
—
3.85
—
VOUT = 0.1 V or VCC –0.1 V
3.0
—
1.50
0.9
—
0.9
4.5
—
2.25
1.35
—
1.35
Input Voltage
VIL
5.5
—
2.75
1.65
—
1.65
V
VOUT = 0.1 V or VCC –0.1 V
3.0
2.9
2.99
—
2.9
—
4.5
4.4
4.49
—
4.4
—
5.5
5.4
5.49
—
5.4
—
VIN = VIL or VIH
IOUT = –50
µA
3.0
2.58
—
—
2.48
—
IOH = –12 mA
4.5
3.94
—
—
3.80
—
IOH = –24 mA
VOH
5.5
4.94
—
—
4.80
—
VIN = VIL or VIH
IOH = –24 mA
3.0
—
0.002
0.1
—
0.1
4.5
—
0.001
0.1
—
0.1
5.5
—
0.001
0.1
—
0.1
VIN = VIL or VIH
IOUT = 50
µA
3.0
—
—
0.32
—
0.37
IOL = 12 mA
4.5
—
—
0.32
—
0.37
IOL = 24 mA
Output voltage
VOL
5.5
—
—
0.32
—
0.37
V
VIN = VIL or VIH
IOL = 24 mA
Input leakage
current
IIN
5.5
—
—
±0.1
—
±1.0
µA
VIN = VCC or GND
3 State current
IOZ
5.5
—
—
±0.5
—
±5.0
µA
VIN(OE) = VIL, VIH
VIN = VCC or GND
VOUT = VCC or GND
IOLD
5.5
—
—
—
86
—
mA
VOLD = 1.1 V
Dynamic output
current*
IOHD
5.5
—
—
—
–75
—
mA
VOHD = 3.85 V
Quiescent supply
current
ICC
5.5
—
—
8.0
—
80
µA
VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
Recommended Operating Conditions: HD74ACT125
Item
Symbol
Ratings
Unit
Condition
Supply voltage
VCC
2 to 6
V
Input and output voltage
VI, VO
0 to VCC
V
Operating temperature
Ta
–40 to +85
°C
Input rise and fall time
(except Schmitt inputs)
VIN 0.8 to 2.0 V
tr, tf
8
ns/V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com