Electronic Components Datasheet Search
  English  ▼

X  

HD74AC175 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC175
Description  Quad D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC175 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC175 Datasheet HTML 1Page - Renesas Technology Corp HD74AC175 Datasheet HTML 2Page - Renesas Technology Corp HD74AC175 Datasheet HTML 3Page - Renesas Technology Corp HD74AC175 Datasheet HTML 4Page - Renesas Technology Corp HD74AC175 Datasheet HTML 5Page - Renesas Technology Corp HD74AC175 Datasheet HTML 6Page - Renesas Technology Corp HD74AC175 Datasheet HTML 7Page - Renesas Technology Corp HD74AC175 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC175
Quad D-Type Flip-Flop
REJ03D0257–0200Z
(Previous ADE-205-377 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC175 is a high-speed quad D flip-flop. The device is useful for general flip-flop requirements where clock
and clear inputs are common. The information on the D inputs is stored during the Low-to-High clock transition. Both
true and complemented outputs of each flip-flop are provided. A Master Reset input resets all flip-flops, independent of
the Clock or D inputs, when Low.
Features
• Edge-Triggered D-Type Inputs
• Buffered Positive Edge-Triggered Clock
• Asynchronous Common Reset
• True and Complement Output
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC175AFPEL SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC175ARPEL SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
HD74AC175TELL
TSSOP-16 pin
TTP-16DAV
T
ELL(2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
MR
Q0
Q0
D0
D1
Q1
Q1
GND
VCC
Q3
Q3
D3
D2
Q2
Q2
CP
(Top view)


Similar Part No. - HD74AC175

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
Quad D-Type Flip-Flop
More results

Similar Description - HD74AC175

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
Quad Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
Quad D-Type Flip-Flop
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
Quad Type D Flip-Flop
August, 2014 ??Rev. 9
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
Quad D-Type Flip-Flop
May 2007 Rev. 1.2
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com