Electronic Components Datasheet Search
  English  ▼

X  

HD74AC244 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74AC244
Description  Octal Buffer/Line Driver with 3-State Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC244 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74AC244 Datasheet HTML 1Page - Renesas Technology Corp HD74AC244 Datasheet HTML 2Page - Renesas Technology Corp HD74AC244 Datasheet HTML 3Page - Renesas Technology Corp HD74AC244 Datasheet HTML 4Page - Renesas Technology Corp HD74AC244 Datasheet HTML 5Page - Renesas Technology Corp HD74AC244 Datasheet HTML 6Page - Renesas Technology Corp HD74AC244 Datasheet HTML 7Page - Renesas Technology Corp HD74AC244 Datasheet HTML 8Page - Renesas Technology Corp HD74AC244 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74AC244/HD74ACT244
Rev.2.00, Jul.16.2004, page 2 of 8
Truth Tables
Inputs
Outputs (Pins 12, 14, 16, 18)
OE
OE
OE
OE
1
AY
LL
L
LH
H
HX
Z
Inputs
Outputs (Pins 3, 5, 7, 9)
OE
OE
OE
OE
2
AY
LL
L
LH
H
HX
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions: HD74AC244
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and Output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
V
CC = 3.0V
V
CC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
V
IN 30% to 70% VCC
tr, tf
8
ns/V
V
CC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com