Electronic Components Datasheet Search
  English  ▼

X  

HD74AC245 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC245
Description  Octal Bi-directional Transceiver with 3-State Input/Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC245 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC245 Datasheet HTML 1Page - Renesas Technology Corp HD74AC245 Datasheet HTML 2Page - Renesas Technology Corp HD74AC245 Datasheet HTML 3Page - Renesas Technology Corp HD74AC245 Datasheet HTML 4Page - Renesas Technology Corp HD74AC245 Datasheet HTML 5Page - Renesas Technology Corp HD74AC245 Datasheet HTML 6Page - Renesas Technology Corp HD74AC245 Datasheet HTML 7Page - Renesas Technology Corp HD74AC245 Datasheet HTML 8Page - Renesas Technology Corp HD74AC245 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Jul.16.2004, page 1 of 8
HD74AC245/HD74ACT245
Octal Bi-directional Transceiver with 3-State Input/Output
REJ03D0263–0200Z
(Previous ADE-205-384 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC245/HD74ACT245 contains eight non-inverting bidirectional buffers with 3-state outputs and is intended
for bus-oriented applications. Current sinking capability is 24 mA at both the A and B ports. The Transmit/Receive
(T/
R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active-High) enables
data from A ports to B ports; Receive (active-Low) enables data from B ports to A ports. The Output Enable input,
when High, disables, both A and B ports by placing them in a High Z condition.
Features
• Noninverting Buffers
• Bi-directional Data Path
• A and B Outputs Source/Sink 24 mA
• HD74ACT245 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC245
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC245P
DIP-20 pin
DP-20N, -20NEV P
—
HD74AC245FPEL
SOP-20 pin (JEITA)
FP-20DAV
FP
EL (2,000 pcs/reel)
HD74AC245RPEL
SOP-20 pin (JEDEC) FP-20DBV
RP
EL (1,000 pcs/reel)
HD74AC245TELL
TSSOP-20 pin
TTP-20DAV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.


Similar Part No. - HD74AC245

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC245 HITACHI-HD74AC245 Datasheet
59Kb / 9P
Octal Bidirectional Transceiver with 3-State Input/Output
More results

Similar Description - HD74AC245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS623 MOTOROLA-SN54LS623 Datasheet
70Kb / 3P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUT
logo
NXP Semiconductors
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC245 HITACHI-HD74AC245 Datasheet
59Kb / 9P
Octal Bidirectional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
3.3V ABT Octal Bus Transceiver with 3-State Output
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
Octal transceiver (3-State)
November 15, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com