Electronic Components Datasheet Search
  English  ▼

X  

STV2112B Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2112B
Description  BUS-CONTROLLED PAL/SECAM TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2112B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2112B Datasheet HTML 4Page - STMicroelectronics STV2112B Datasheet HTML 5Page - STMicroelectronics STV2112B Datasheet HTML 6Page - STMicroelectronics STV2112B Datasheet HTML 7Page - STMicroelectronics STV2112B Datasheet HTML 8Page - STMicroelectronics STV2112B Datasheet HTML 9Page - STMicroelectronics STV2112B Datasheet HTML 10Page - STMicroelectronics STV2112B Datasheet HTML 11Page - STMicroelectronics STV2112B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
I
2C BUS SPECIFICATION (continued)
Bus Register Initial Conditions
Not used bits are preset to ”0”.
Address
Dec (HEX)
Data Initial
Value
Comments
0 (00)
XX01 0000
Mid. contrast ; RGBext insertion enable
1 (01)
XX10 0000
Mid. saturation
2 (02)
XX01 0000
Mid. brightness ; Blanking : normal mode
3 (03)
XX10 0000
Mid. RED drive adjust
4 (04)
XX10 0000
Mid. RED cut-off adjust
5 (05)
XX10 0000
Mid. GREEN drive adjust
6 (06)
XX10 0000
Mid. GREEN cut-off adjust
7 (07)
XX10 0000
Mid. BLUE drive adjust
8 (08)
XX00 0100
Mid. sharpness
9 (09)
XX10 0000
Not used
10 (0A)
XX00 0110
Auto search color standard ; no SVHS
11 (0B)
XX10 0000
Mid. horizontal shift
12 (0C)
XX10 0000
Mid. vertical amplitude
13 (0D)
XX00 0100
Mid. vertical position ; Auto search field frequency ; HOUT : normal mode
14 (0E)
XX00 0000
PLL1 time constant : normal mode ; Interlace ; 4/3 selection
15 (0F)
XX10 0000
Mid. volume
16 (10)
XX00 0000
Mute not active ; INT/FM IF mode ; Not used ;
Cut-off pulses on lines 23/24/25 in 50Hz
17 (11)
XX00 0000
Test mode not active
STV2112B
8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com