Electronic Components Datasheet Search
  English  ▼

X  

STV0680 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 54Page - STMicroelectronics STV0680 Datasheet HTML 55Page - STMicroelectronics STV0680 Datasheet HTML 56Page - STMicroelectronics STV0680 Datasheet HTML 57Page - STMicroelectronics STV0680 Datasheet HTML 58Page - STMicroelectronics STV0680 Datasheet HTML 59Page - STMicroelectronics STV0680 Datasheet HTML 60Page - STMicroelectronics STV0680 Datasheet HTML 61Page - STMicroelectronics STV0680 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Schematics and example parts list
STV0680B + VV6410/6411/6500
58/63
Version 3.4
11
Schematics and example parts list
11.1
Schematics
Support schematics are shown in the following documents:
q
STV0680+VV6444 Reference Design Manual
q
STV0680B+VV6410/6411/6500 Reference Design Manual
Both are available in the OEM section of the ST Imaging Division web site
http://www.st.com (click on “Imaging Products”)
An example parts list is shown in
Section 11.2, however the above documents should be referred to
for the most up-to-date information.
11.2
Example parts list
The following is taken from STV0680B + VV6410/6411/6500 Ref Design Manual Rev 2.2. Audio
and Flashgun hardware are not included.
Assuming VV6410/6411 camera with power supply “option1”, 16MBit SDRAM and 6V battery, with
USB and RS232, non-populated options are shown with a grey background.
#
Qty Refdes
Device
Package
Value
Notes
1
1
B1
Battery
Up to 6V, or up to 9V with different
schematic
2
1
C23
CAP
805
100N
320
C2,C7, C8,
C10, C11,
C12, c13,
C14, C17,
C18, C24,
C25, C27,
C28, C29,
C30, C31,
C32, C33,
C37
CAP
805
100N
4
2
C40, C41
CAP
805
100N
C40-41: option 2 only
5
2
C5, C6
CAP
805
22P
6
2
C15, C16
CAP
805
1U
7
2
C19, C26
CAP
805
220P
8
1
C22
CAP
805
220N
9
2
C34, C35
ECAP
T/H
10U
10
1
C38
ECAP
T/H
10U
C38: option 2 only
11
1
D1
1N4001
D041
1N4001
Gen. purpose if 4 x A4 or AA
batteries
12
1
D1
Schottky
D041
Schottky
Only use Schottky if 3 x AA or AAA
batteries
13
1
D2
Diode
SOT23
BAS116
Must be low leakage
14
2
D3,D4
Diode
SOT23
BAS16
Only for RS232
15
3
F1, F2, F3
Ferrite
805
May be required for FCC
compliance
16
1
J1
USB_CON
CON-USB-4
P_TYPE_B
See notes. Consult USB spec for
USB compliance
Table 22 : STV0680B + VV6410/6411/6500 - Parts list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com