Electronic Components Datasheet Search
  English  ▼

X  

HD74HC30 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC30
Description  8-input NAND Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC30 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC30 Datasheet HTML 1Page - Renesas Technology Corp HD74HC30 Datasheet HTML 2Page - Renesas Technology Corp HD74HC30 Datasheet HTML 3Page - Renesas Technology Corp HD74HC30 Datasheet HTML 4Page - Renesas Technology Corp HD74HC30 Datasheet HTML 5Page - Renesas Technology Corp HD74HC30 Datasheet HTML 6Page - Renesas Technology Corp HD74HC30 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC30
8-input NAND Gates
REJ03D0544-0200
(Previous ADE-205-416)
Rev.2.00
Oct 06, 2005
Features
• High Speed Operation: t
pd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC30P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC30FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC30RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC30TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
A
B
C
D
E
F
G
H
Y
H
H
H
H
H
H
H
H
L
L
X
X
X
X
X
X
X
H
X
L
X
X
X
X
X
X
H
X
X
L
X
X
X
X
X
H
X
X
X
L
X
X
X
X
H
X
X
X
X
L
X
X
X
H
X
X
X
X
X
L
X
X
H
X
X
X
X
X
X
L
X
H
X
X
X
X
X
X
X
L
H
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC30

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
More results

Similar Description - HD74HC30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SN5430 TI-SN5430 Datasheet
621Kb / 15P
8-INPUT POSITIVE-NAND GATES
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
8-INPUT POSITIVE-NAND GATES
54AC11030 TI-54AC11030 Datasheet
65Kb / 5P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
8-INPUT POSITIVE-NAND GATES
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
SN5430 TI1-SN5430_15 Datasheet
957Kb / 20P
8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com